Part Number Hot Search : 
4MTCX V630ME05 1N5943B 2SA188 100C9103 BWS4805 SL2055 TZX27X
Product Description
Full Text Search
 

To Download AIMB-C600-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AIMB-C600
Economical Desktop Chassis for MicroATX Motherboard Features
Economical desktop chassis for MicroATX motherboard Supports four expansion slots Supports one 5.25" ODD and two 3.5" HDD Front-accessible dual USB 2.0 Equipped with 300 W SFX power supply
Specifications
Drive Bay Cooling I/O Interface Miscellaneous Power Supply Physical Characteristics 5.25" Optical Drive 3.5" Fan USB Expansion Slots Front Panel Control Power Output Wattage Input Range Output Voltage Dimensions (W x H x D) Weight 1 2 1 (6 cm / 17 CFM) 2 4 Power button 300 W AC 100 ~ 127 V / 200 ~ 240 V (selectable) +12 V @ 14.5 A, +5 V @ 18 A, +5 Vsb @ 2 A, +3.3 V @ 18 A, -12 V @ 0.4 A 326 x 134 x 348 mm (12.8" x 5.3" x 13.7") 4.6 kg (10.1 lb)
Dimensions
Ordering Information
Unit: mm Part Number AIMB-C600-00A1E Description Economical desktop MicroATX chassis with 300W power supply
134.00.3
326.0 +0.50 -0.20
Power button with LED
300 W Power Supply 348.0 +0.50 -0.20
One 6 cm fan and a reserved space for the second fan
Supports standard 4 expansion slots MicroATX rear I/O shield
Industrial Computer Chassis
All product specifications are subject to change without notice Last updated : 24-Mar-2009


▲Up To Search▲   

 
Price & Availability of AIMB-C600-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X